Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2990CMSTRPBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2990CMSTRPBF
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMSTRPBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2990CMSTRPBF Datasheet HTML 16Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 17Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 18Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 19Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 20Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 21Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 22Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 23Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2990

2990f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0910 • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LM134
Constant Current Source and Temperature Sensor
Can Be Used as Linear Temperature Sensor
LTC1392
Micropower Temperature, Power Supply and Differential Voltage
Monitor
Complete Ambient Temperature Sensor Onboard
LTC2487
16-Bit, 2-/4-Channel Delta Sigma ADC with PGA, Easy Drive
and I2C Interface
Internal Temperature Sensor
LTC6102/LTC6102HV Precision Zero Drift Current Sense Amplifier
5V to 100V, 105V Absolute Maximum (LTC6102HV)
Easy Drive is a trademark of Linear Technology Corporation.
High Voltage/Current and Temperature Monitoring
–INS
0.1µF
VIN
5V TO 105V
0.1µF
470pF
ALL CAPACITORS ±20%
VOLTAGE, CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
VLOAD
REG 6, 7
13.2mVLSB
V2(ILOAD)
REG 8, 9
1.223mA/LSB
TREMOTE
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
MMBT3904
RIN
20
1%
ILOAD
0A TO 10A
ROUT
4.99k
1%
200k
1%
4.75k
1%
0.1µF
RSENSE
1m
1%
–INF
V+
V–
LTC6102HV
OUT
VREG
+IN
VCC
V1
LTC2990
2-WIRE
I2C
INTERFACE
5V
GND
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA02
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com