Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2990CMSTRPBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2990CMSTRPBF
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMSTRPBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2990CMSTRPBF Datasheet HTML 13Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 14Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 15Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 16Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 17Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 18Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 19Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 20Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC2990

2990f
Table 9. Conversion Formats
VOLTAGE FORMATS
SIGN
BINARY VALUE D[13:0]
VOLTAGE
Single-Ended
LSB = 305.18µV
0
11111111111111
>5
0
10110011001101
3.500
0
01111111111111
2.500
0
00000000000000
0.000
1
11110000101001
–0.300
Differential
LSB = 19.42µV
0
11111111111111
>0.318
0
10110011001101
+0.300
0
10000000000000
+0.159
0
00000000000000
0.000
1
10000000000000
–0.159
1
00001110101000
–0.300
1
10000000000000
<–0.318
VCC = Result + 2.5V
LSB = 305.18µV
0
10110011001101
VCC = 6V
0
10000000000000
VCC = 5V
0
00001010001111
VCC = 2.7V
TEMPERATURE FORMATS
FORMAT
BINARY VALUE D[12:0]
TEMPERATURE
Temperature Internal, TR1 or TR2
LSB = 0.0625 Degrees
Celsius
0011111010000
+125.0000
Celsius
0000110010001
+25.0625
Celsius
0000110010000
+25.0000
Celsius
1110110000000
–40.0000
Kelvin
1100011100010
398.1250
Kelvin
1000100010010
273.1250
Kelvin
0111010010010
233.1250
applicaTions inForMaTion
Table 10. Recommended Transistors to Be Used as Temperature
Sensors
MANUFACTURER
PART NUMBER
PACKAGE
Fairchild Semiconductor
MMBT3904
SOT-23
Central Semiconductor
CMPT3904
SOT-23
Diodes, Inc.
MMBT3904
SOT-23
On Semiconductor
MMBT3904LT1
SOT-23
NXP
MMBT3904
SOT-23
Infineon
MMBT3904
SOT-23
Rohm
UMT3904
SC-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com