Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1L21 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1L21
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L21 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1L21 Datasheet HTML 1Page - Sharp Corporation GP1L21 Datasheet HTML 2Page - Sharp Corporation GP1L21 Datasheet HTML 3Page - Sharp Corporation GP1L21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
GP1L21/GP1L22
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Collector dark current
ICEO
V CE = 10V
-
-
10 -6
A
Transfer
charac-
teristics
GP1L21
VCE = 2V, I F = 1mA
0.4
-
mA
GP1L22
VCE = 2V, I F = 1mA
0.2
-
7
mA
Collector-emitter
saturation voltage
GP1L21
V CE(sat)
IF = 2mA, I C = 0.4mA
-
-
1.0
V
GP1L22
IF = 2mA, I C = 0.2mA
-
-
1.0
V
Response time
Rise time
t r
V CE = 2V, I C = 10mA
RL = 100
Ω
-
80
400
µ s
Fall time
tf
-
70
350
µ s
- 25
0
25
50
75
100
0
10
20
30
40
50
60
- 25
0
25
50
75
100
0
20
40
60
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
3.5
85
100
120
02
0
10
20
10
468
30
40
50
60
85
P tot
P, P C
Ambient temperature Ta (˚C)
Fig. 1 Forward Current vs. Ambient
Temperature
Ambient temperature T a (˚C)
Fig. 4 Collector Current vs. Forward Current
T a = 25˚C
GP1L21
GP1L22
Forward current IF ( mA )
Fig. 3 Forward Current vs. Forward Voltage
T a = 75˚C
Forward voltage V F (V)
Fig. 2 Power Dissipation vs.
Ambient Temperature
VCE =2V
15
80
75
Collector
Current
Ic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com