Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1L21 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1L21
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L21 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1L21 Datasheet HTML 1Page - Sharp Corporation GP1L21 Datasheet HTML 2Page - Sharp Corporation GP1L21 Datasheet HTML 3Page - Sharp Corporation GP1L21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
23456789
10
1
0
4
6
8
10
12
14
16
18
20
2
0
22
01
10
9
8
7
6
5
4
3
2
11
10
9
8
7
6
5
4
3
2
1
0
25
50
75
100
0
-25
-25
0
100
75
50
25
0
0
5
1
2mA
1.5mA
1mA
0.5mA
2mA
1.5mA
1mA
0.5mA
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2
5
10
20
50
100
200
400
10
20
50
100
200
500 1000 2000
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
PC( MAX. )
IF = 2.5mA
Collector-emitter voltage VCE (V)
PC( MAX. )
IF = 2.5mA
Collector-emitter voltage VCE (V)
Ambient Temperature
GP1L21
GP1L22
Ambient temperature Ta
Ambient temperature Ta
L ( Ω )
tr
tf
td
t s
RD
VCC
RL
td
tr
ts
tf
Ambient Temperature
GP1L21:IF= 2mA,
IC= 0.4mA
GP1L22:IF= 2mA,
IC
GP1L21/GP1L22
Voltage
(GP1L21 )
Voltage
(GP1S22 )
I F= 1mA
V C
V CE=2V
I C= 10mA
T a= 25˚C
Fig. 5-a Collector Current vs. Collector-emitter
Fig. 5-b Collector Current vs. Collector-emitter
Fig. 6 Collector Current vs.
Fig. 7 Collector-emitter Saturation Voltage vs.
(˚C)
E =2V
GP1L21
GP1L22
= 0.2mA
( ˚C )
Fig. 8 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com