Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1L21 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1L21
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L21 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1L21 Datasheet HTML 1Page - Sharp Corporation GP1L21 Datasheet HTML 2Page - Sharp Corporation GP1L21 Datasheet HTML 3Page - Sharp Corporation GP1L21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100
3
2
1
0
0
50
100
0
+
L
Detector
( Detector center)
Shield
Shield distance L ( mm )
Shield distance L ( mm )
Shield
( Detector center)
Detector
L
+
0
100
50
0
0123
Shield distance L ( mm )
Shield
Detector
-
0
100
50
0
0123
+
0
255075
5
5
5
5
5
5
5
IF= 1mA
VCE=2V
T a = 25˚C
Ambient temperature T a (˚C)
Ambient Temperature
Shield Distance ( 2 )
IF = 1mA
V CE =2V
T a = 25˚C
IF= 1mA
V CE=2V
T a= 25˚C
GP1L21/GP1L22
Shield Distance (1)
(GP1L21)
Shield Distance (1)(GP1L22 )
Fig. 9 Collector Dark Current vs.
Fig.10-a Relative Collector Current vs.
Fig.10-b Relative Collector Current vs.
Fig.11 Relative Collector Current vs.
-
-
VCE = 10V
-2
-1
-2
-1
-25
-2
-1
10-11
10-10
10-9
10-8
10-7
10-6
10-5
10-4
q
Please refer to the chapter “Precautions for Use ” .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com