Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS627LSG Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS627LSG
Description  True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS627LSG Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS627LSG Datasheet HTML 3Page - Allegro MicroSystems ATS627LSG Datasheet HTML 4Page - Allegro MicroSystems ATS627LSG Datasheet HTML 5Page - Allegro MicroSystems ATS627LSG Datasheet HTML 6Page - Allegro MicroSystems ATS627LSG Datasheet HTML 7Page - Allegro MicroSystems ATS627LSG Datasheet HTML 8Page - Allegro MicroSystems ATS627LSG Datasheet HTML 9Page - Allegro MicroSystems ATS627LSG Datasheet HTML 10Page - Allegro MicroSystems ATS627LSG Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
True Zero Speed, Low Jitter, High Accuracy
Position Sensor IC
ATS627LSG
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Air Gap, AG (mm)
Sequential Region, 3 Falling Edges at Each TA
0.30
0.25
0.20
0.15
0.10
0.05
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 150°C
TA = –40°C
TA = 25°C
Specification Limit
360° Repeatability versus Air Gap
Air Gap, AG (mm)
Sequential Region, 3 Rising Edges at Each TA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.30
0.25
0.20
0.15
0.10
0.05
0
TA = 150°C
TA = –40°C
TA = 25°C
Specification Limit
360° Repeatability versus Air Gap
5.0
4.0
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
-4.0
-5.0
-50
-25
0
25
50
75
100
150
125
175
Ambient Temperature, TA (°C)
VOUT = 28 V
Output Current (Off) versus Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com