Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS627LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS627LSG
Description  True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS627LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS627LSG Datasheet HTML 6Page - Allegro MicroSystems ATS627LSG Datasheet HTML 7Page - Allegro MicroSystems ATS627LSG Datasheet HTML 8Page - Allegro MicroSystems ATS627LSG Datasheet HTML 9Page - Allegro MicroSystems ATS627LSG Datasheet HTML 10Page - Allegro MicroSystems ATS627LSG Datasheet HTML 11Page - Allegro MicroSystems ATS627LSG Datasheet HTML 12Page - Allegro MicroSystems ATS627LSG Datasheet HTML 13Page - Allegro MicroSystems ATS627LSG Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
True Zero Speed, Low Jitter, High Accuracy
Position Sensor IC
ATS627LSG
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap, AG (rpm)
0
0.5
1.0
2.0
1.5
2.5
3.0
Sequential Features, Falling Edge
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap, AG (rpm)
0
0.5
1.0
2.0
1.5
2.5
3.0
Sequential Features, Rising Edge
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Air Gap, AG (rpm)
0
0.5
1.0
2.0
1.5
2.5
3.0
Signature Feature, Falling Edge
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0
0.5
1.0
2.0
1.5
2.5
3.0
Air Gap, AG (rpm)
Signature Feature, Rising Edge
Operational Speed, SROT (rpm)
500
1000
1500
2000
TA = 25°C; relative to AG = 1.5 mm, SROT = 1000 rpm
Timing Accuracy versus Air Gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com