Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS627LSG Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS627LSG
Description  True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS627LSG Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS627LSG Datasheet HTML 11Page - Allegro MicroSystems ATS627LSG Datasheet HTML 12Page - Allegro MicroSystems ATS627LSG Datasheet HTML 13Page - Allegro MicroSystems ATS627LSG Datasheet HTML 14Page - Allegro MicroSystems ATS627LSG Datasheet HTML 15Page - Allegro MicroSystems ATS627LSG Datasheet HTML 16Page - Allegro MicroSystems ATS627LSG Datasheet HTML 17Page - Allegro MicroSystems ATS627LSG Datasheet HTML 18Page - Allegro MicroSystems ATS627LSG Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
True Zero Speed, Low Jitter, High Accuracy
Position Sensor IC
ATS627LSG
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Target 60+2
Characteristics
Symbol
Test Conditions
Typ.
Unit
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Ø
DO ht
F
Branded Face
of Package
Air Gap
Face Width
F
Breadth of tooth, with respect to
branded face
6mm
Angular Tooth Thickness
t
Length of tooth, with respect to
branded face; measured at Do
3
deg.
Signature Region Angu-
lar Tooth Thickness
tSIG
Length of signature tooth, with
respect to branded face; measured
at Do
15
deg.
Angular Valley Thickness
tv
Length of valley, with respect to
branded face; measured at Do
3
deg.
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
Reference Gear Magnetic Profile
Two Tooth-to-Valley Transitions
-500
-400
-300
-200
-100
0
100
200
300
400
500
Gear Rotation (°)
024
68
10
12
0.50
(mm)
Air Gap
0.50 mm AG
3.00 mm AG
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Reference Gear Magnetic Gradient Amplitude
With Reference to Air Gap
Air Gap (mm)
11.5
2
0.5
2.5
3
1400
1200
1000
800
600
400
200
0
Reference Target
Signature Region
60+2
of Package
Branded Face
Pin 4
Pin 1
Reference Target Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com