Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS685LSH Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS685LSH
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685LSH Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS685LSH Datasheet HTML 1Page - Allegro MicroSystems ATS685LSH Datasheet HTML 2Page - Allegro MicroSystems ATS685LSH Datasheet HTML 3Page - Allegro MicroSystems ATS685LSH Datasheet HTML 4Page - Allegro MicroSystems ATS685LSH Datasheet HTML 5Page - Allegro MicroSystems ATS685LSH Datasheet HTML 6Page - Allegro MicroSystems ATS685LSH Datasheet HTML 7Page - Allegro MicroSystems ATS685LSH Datasheet HTML 8Page - Allegro MicroSystems ATS685LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
ATS685LSH
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Gear Magnetic Profile
Reference Target 60-0, Hall element spacing 2.20 mm
Gear Rotation (°)
Air Gap (mm)
0
2
4
6
8
10
12
14
16
18
20
600
400
200
0
200
400
600
0.50 mm AG
3.00 mm AG
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
12
0
3
1200
1000
800
600
400
200
0
Reference Gear Magnetic Gradient Amplitude versus Air Gap
Reference Target 60-0, Hall element spacing 2.20 mm
Air Gap (mm)
Reference Target 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Ø
DO ht
F
Branded Face
of Package
Air Gap
Face Width
F
Breadth of tooth, with respect
to branded face
6mm
Angular Tooth Thickness
t
Length of tooth, with respect
to branded face
3
deg.
Angular Valley Thickness
tv
Length of valley, with respect
to branded face
3
deg.
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
Reference Target
60-0
of Package
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com