Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS685LSH Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS685LSH
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685LSH Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS685LSH Datasheet HTML 7Page - Allegro MicroSystems ATS685LSH Datasheet HTML 8Page - Allegro MicroSystems ATS685LSH Datasheet HTML 9Page - Allegro MicroSystems ATS685LSH Datasheet HTML 10Page - Allegro MicroSystems ATS685LSH Datasheet HTML 11Page - Allegro MicroSystems ATS685LSH Datasheet HTML 12Page - Allegro MicroSystems ATS685LSH Datasheet HTML 13Page - Allegro MicroSystems ATS685LSH Datasheet HTML 14Page - Allegro MicroSystems ATS685LSH Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
ATS685LSH
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Start Mode Hysteresis
This feature helps to ensure optimal self-calibration by rejecting
electrical noise and low-amplitude target vibration during initial-
ization. This prevents AGC from calibrating the device on such
spurious signals. Calibration can be performed using the actual
target features.
A typical scenario is shown in figure 7. The hysteresis, POHYS,
is a minimum level of the peak-to-peak amplitude of the internal
analog electrical signal, VPROC, that must be exceeded before the
ATS685 starts to compute switchpoints.
B
OP
B
RP
B
RP
B
RP(initial)
B
OP(initial)
1
4
2
3
Start Mode
Output Signal, ICC
If exceed PO
HYS
on high side
If exceed PO
HYS
on low side
IC Position
Relative to Target
Target Magnetic Profile
Differential Signal, VPROC
Target, Gear
Hysteresis, POHYS
Figure 7. Operation of Start Mode Hysteresis
• At power-on (position 1), the ATS685 begins sampling VPROC.
• At the point where the Start Mode Hysteresis, POHYS, is exceeded, the device establishes an initial switching threshold, by
using the Continuous Update algorithm. If VPROC is rising through the limit on the high side (position 2), the switchpoint is
BOP, and if VPROC is falling through the limit on the low side (position 4), it is BRP. After this point, Start Mode Hysteresis is
no longer a consideration. Note that a valid VPROC value exceeding the Start Mode Hysteresis can be generated either by a
legitimate target feature or by excessive vibration.
• In either case (BOP or BRP), because the switchpoint is immediately passed as soon as it is established, the ATS685 en-
ables switching:
▫ If on the high side, at BOP (position 2) the output would switch from low to high. However, because output is already high,
no output switching occurs.
At the next switchpoint, where BRP is passed (position 3), the output switches from high to low.
▫ If on the low side, at BRP (position 4) the output switches from high to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com