Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS685LSH Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS685LSH
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685LSH Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS685LSH Datasheet HTML 2Page - Allegro MicroSystems ATS685LSH Datasheet HTML 3Page - Allegro MicroSystems ATS685LSH Datasheet HTML 4Page - Allegro MicroSystems ATS685LSH Datasheet HTML 5Page - Allegro MicroSystems ATS685LSH Datasheet HTML 6Page - Allegro MicroSystems ATS685LSH Datasheet HTML 7Page - Allegro MicroSystems ATS685LSH Datasheet HTML 8Page - Allegro MicroSystems ATS685LSH Datasheet HTML 9Page - Allegro MicroSystems ATS685LSH Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
ATS685LSH
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics may require derating at maximum conditions, see Power Derating section
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
Single layer PCB, with copper limited to solder pads
126
ºC/W
Single layer PCB, with copper limited to solder pads and 3.57 in.2 (23.03
cm2) copper area each side
84
ºC/W
*Additional thermal information available on the Allegro website
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Temperature (°C)
V
CC(max)
VCC(min)
Power Derating Curve
At maximum supply current, ICC = ICC(High)(max)
20
40
60
80
100
120
140
160
180
(RθJA = 84 °C/W)
(RθJA = 126 °C/W)
2600
2400
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
Temperature,TA (°C)
R JA = 126 ºC/W
R JA = 84 ºC/W
Power Dissipation versus Ambient Temperature
At maximum supply current, ICC = ICC(High)(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com