Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L01 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2L01
Description  High Sensitivity, Long Focal Distance Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L01 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2L01 Datasheet HTML 1Page - Sharp Corporation GP2L01 Datasheet HTML 2Page - Sharp Corporation GP2L01 Datasheet HTML 3Page - Sharp Corporation GP2L01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP2L01/GP2L01F
s Electro-optical Characteristics
(Ta = 25˚C )
∗4 Wihtout reflective object
- 25
0
25
50
75
85
100
0
10
20
30
40
50
60
- 25
0
25
50
75
85
100
0
10
20
30
50
70
80
75
40
60
1000
2000
500
200
100
50
20
52
5
2
5
Duty ratio
Pulse width <= 100 m s
2
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
5
10
20
50
100
200
500
25˚C
0˚C
50˚C
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Fig. 4 Forward Current vs. Forward Voltage
T a = 75˚C
Fig. 3 Peak Forward Current vs. Duty Ratio
T a= 25˚C
10- 3
10- 2
10- 1
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Forward voltage V F (V)
- 25˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
3.0
4.0
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Collector dark current
ICEO
VCE = 10V
-
-
10 -6
A
Transfer
charac-
teristics
∗3
Collector
Current
GP2L01
Ic
IF = 10mA, VCE =2V
3-
-
mA
GP2L01F
2.5
-
25
mA
Response time
Rise time
t r
IC = 10mA, VCE = 2V, R L = 100
d = 5mm
-
80
400
Fall time
tf
-
70
350
∗4Leak current
I LEAK
-
-
100
µ A
IF = 10mA, VCE =2V
µ s
µ s
∗3 Test method : A reflective object shall be an OMS test card (white ) specified by Sharp, and be 5.0mm away from the sensor.
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com