Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L01 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2L01
Description  High Sensitivity, Long Focal Distance Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L01 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2L01 Datasheet HTML 1Page - Sharp Corporation GP2L01 Datasheet HTML 2Page - Sharp Corporation GP2L01 Datasheet HTML 3Page - Sharp Corporation GP2L01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100
Ω
Fig.10 Frequency Response
0
-5
-10
-15
-20
25
2
2
55
-10
- 8
- 6
- 4
- 2
0
80
100
40
60
20
0
2
d= 5mm
100
200
1000
2000
5000
100
20
50
10
0.1
500
0.2
02
4
6
8
10
80
100
40
60
20
0
13
5
7
9
Distance Characteristic Test Conditions
Correspond to Fig.11
SHARP OMS TEST CARD
(White)
d
Correspond to Fig.12
SHARP OMS TEST CARD
0
d
-+
Black
White
Card moving direction
2
5
4
0.5
1
2
5
10
Ω
I F = 10mA
V CE=2V
T a = 25˚C
GP2L01(F)
RL=1kΩ
Fig.12 Relative Collector Current vs.
Card Moving Distance
IF= 10mA
VCE =2V
T a = 25˚C
GP2L01
(GP2L01F)
GP2L01
(GP2L01F)
(Distance = L )
PT431F
PT431
Fig.11 Relative Collector Current vs.
Distance between GP2L01 (F) and Test Card
Fig.13 Collector Current vs. Illuminance (Reference)
Light source: White fluorescent lamp
VCE = 2V, T a= 25˚C
( Note ) Comparison between outputs of
transparent resin molded type photo-
transistor (PT431 ) and visible light
cut-off type (PT431F)
V CE=2V
I C= 10mA
T a = 25˚C
and test card d ( mm )
Frequency f ( Hz )
Card moving distance L ( mm )
Illuminance under fluorescent lamp ( 1x )
GP2L01/GP2L01F
102
103
104
105
Test condition
Sharp FLR-40SW/M
Distance between
q
Please refer to the chapter “ Precautions for Use” .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com