Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2L01
Description  High Sensitivity, Long Focal Distance Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L01 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2L01 Datasheet HTML 1Page - Sharp Corporation GP2L01 Datasheet HTML 2Page - Sharp Corporation GP2L01 Datasheet HTML 3Page - Sharp Corporation GP2L01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Features
1. Long focal distance
s Applications
1. Copiers, printers
2. Automatic vending machines, ticket vend-
ing machines
3. Optoelectronic switches, optoelectronic
counters
(Unit : mm )
∗1 Pulse width<= 100 µs, Duty ratio= 0.01
∗2 For 3 seconds
GP2L01/GP2L01F
2. High current transfer ratio
GP2L01
CTR: MIN. 30%
GP2L01F CTR: MIN. 25%
at I F= 10mA
s Outline Dimensions
2. Visible light cut-off type: GP2L01F
}
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
∗1Peak forward current
I FM
1A
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
40
mA
Collector power dissipation
PC
75
mW
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 100
˚C
∗2Soldering temperature
T sol
260
˚C
(Ta = 25˚C )
12.0
24.0
g
g Protrusion of resin for fixing
Internal connection
diagram
1
2
3
4
1
2
3
4
4 - C2.0
2 - (2.54)
2 - 19.5 ˚
∗Unspecified tolerances shall be as follows;
∗( ) : Reference dimensions
1 Cathode
2 Anode
3 Emitter
4 Collector
Dimensions(d) Tolerance
d<= 6.0
± 0.1
6.0<d<= 18.0 ± 0.2
18.0<d<= 24.0 ± 0.25
Distance Type
Photointerrupter
GP2L01/GP2L01F
High Sensitivity, Long Focal
s Absolute Maximum Ratings
Operating temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
19.0 ± 0.2
2 -
φ 3.2 ± 0.2
4 -
0.45
± 0.2


Similar Part No. - GP2L01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L04 SHARP-GP2L04 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
GP2L06 SHARP-GP2L06 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
GP2L09 SHARP-GP2L09 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
More results

Similar Description - GP2L01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com