Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L09 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2L09
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L09 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2L09 Datasheet HTML 1Page - Sharp Corporation GP2L09 Datasheet HTML 2Page - Sharp Corporation GP2L09 Datasheet HTML 3Page - Sharp Corporation GP2L09 Datasheet HTML 4Page - Sharp Corporation GP2L09 Datasheet HTML 5Page - Sharp Corporation GP2L09 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GP2L09/GP2L24/GP2L26
- 25
0
25
50
75 85
100
0
10
20
30
40
50
60
52
5
2
5
Duty ratio
Pulse width <=100
µ s
2
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
5
10
20
50
100
200
500
25˚C
0˚C
- 25˚C
50˚C
025
-25
0
20
40
60
120
50
100
75
80
100
85
75
2.5
5.0
7.5
10.0
12.5
0
0
5
10
15
20
25
15.0
24
6
8
10
0
0
2
4
6
8
10
12
14
16
12
4mA
2mA
7mA
10mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Forward voltage V F (V)
T a= 25˚C
Ptot
P, P C
T a= 75˚C
V CE=2V
T a= 25˚C
Forward current I F ( mA )
Collector-emitter voltage V CE (V)
IF= 15mA
Pc ( MAX. )
T a= 25˚C
Fig. 2 Power Dissipation vs.
Ambient Temperature
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
Fig. 5 Collector Current vs.
Forward Current
10 -3
10 -2
10 -1
2000
1000
500
200
100
50
20
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com