Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L09 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2L09
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L09 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2L09 Datasheet HTML 1Page - Sharp Corporation GP2L09 Datasheet HTML 2Page - Sharp Corporation GP2L09 Datasheet HTML 3Page - Sharp Corporation GP2L09 Datasheet HTML 4Page - Sharp Corporation GP2L09 Datasheet HTML 5Page - Sharp Corporation GP2L09 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GP2L09/GP2L24/GP2L26
Subminiature, High Sensitivity
Photointerrupter
s Outline Dimensions
(Unit : mm )
s Features
s Applications
1. Compact and thin
GP2L09: Compact DIP, long lead type
2. Optimum detection distance: 0.6 to 0.8mm
3. High sensitivity
( IC: MIN. 0.5mA at I F= 4mA )
4. Visible light cut-off type
GP2L24: Compact DIP type
GP2L26: Flat lead type
1. Cassette tape recorders, VCRs
2. Floppy disk drives
3. Various microcomputerized control equip-
ment
C0.7
GP2L09
± 0.2
± 15˚
1
1.75
2
θ
43
± 15˚
C0.7
1
1.75
2
4
GP2L24
3
θ
± 0.2
C0.7
GP2L26
± 20˚
1
2
43
1
4
2
3
(4.0)
∗( ): Reference dimensions
∗The dimensions indicated by g refer
to those measured from the lead base.
∗( ) : Reference dimensions
∗The dimensions indicated by g refer
to those measured from the lead base.
(4.0)
1 Anode
2 Emitter
3 Collector
4 Cathode
Internal connection diagram
(Common to 3 models )
∗( ): Reference dimensions
1.75
4 - (0.6)
GP2L09/GP2L24
GP2L26
∗Tolerance:± 0.15mm
∗Tolerance :± 0.15mm
∗Tolerance :± 0.15mm
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
θ : 0 to 20˚
θ: 0 to 20˚
g 4.0 0.2
g 4.0 0.2
4 - 0.5
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
4 - 0.2
+ 0.3
- 0
4 - 0.4
+ 0.2
- 0.1
4 - 0.15
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
0.4
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
13.0
± 1.0


Similar Part No. - GP2L09

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L09 SHARP-GP2L09 Datasheet
135Kb / 4P
SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
More results

Similar Description - GP2L09

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1L21 SHARP-GP1L21 Datasheet
59Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
High Sensitivity Photointerrupter
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
High Sensitivity Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
KRA011 KINGBRIGHT-KRA011 Datasheet
915Kb / 4P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com