Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L09 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2L09
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L09 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2L09 Datasheet HTML 1Page - Sharp Corporation GP2L09 Datasheet HTML 2Page - Sharp Corporation GP2L09 Datasheet HTML 3Page - Sharp Corporation GP2L09 Datasheet HTML 4Page - Sharp Corporation GP2L09 Datasheet HTML 5Page - Sharp Corporation GP2L09 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GP2L09/GP2L24/GP2L26
025
-25
0
25
50
75
150
50
100
75
100
125
-25
0
10 -11
25
100
50
75
5
10 -10
5
10 -9
5
10 -8
5
10 -7
5
10 -6
5
10 -5
5
10 -4
10
20
50
100
200
500
1000
1
10
100
1000
1000
Output
Output
Input
01
2
4
5
40
60
20
0
3
Ambient temperature T a (˚C)
Fig. 8 Collector Dark Current vs.
Ambient Temperature
V CE= 10V
Ambient temperature T a (˚C)
IF= 4mA
V CE=5V
V CE=2V
T a= 25˚C
t d
t s
V CE=2V
IC= 10mA
T a= 25˚C
t r
t f
t d
t s
d ( mm)
VCC
Input R D
RL
td
tr
ts
tf
90%
10%
Distance between Sensor and
Al Evaporation Glass
IF= 4mA
V CE=2V
T a= 25˚C
IC= 10mA
1000
500
200
100
50
20
10
5
2
1
1000
500
200
100
50
20
10
5
2
1
0.5
0.2
0.1
Fig. 7 Relative Collector Current vs.
Ambient Temperature
t r
t f
Fig. 9-a Response Time vs.
Test Circuit for Response Time
Fig.10 Relative Collector Current vs.
80
100
Distance between sensor and Al evaporation glass
Fig. 9-b Response Time vs.
(GP2L09)(GP2L24/GP2L26)
Load Resistance
Load resistance R L ( Ω )
Load resistance R L ( Ω )
Load Resistance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com