Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-1YCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4930-1YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4930-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADA4930-1/ADA4930-2
Rev. A | Page 6 of 28
5 V VOCM TO VO, CM PERFORMANCE
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO, cm = 0.1 V p-p
740
MHz
Slew Rate
VO, cm = 2 V p-p, 25% to 75%
1224
V/μs
VOCM INPUT CHARACTERISTICS
Input Voltage Range
0.5
2.3
V
Input Resistance
7.0
8.3
10.2
kΩ
Input Offset Voltage
VOS, cm = VO, cm − VOCM; VIP = VIN = VOCM = 0 V
−25
+0.35
+15
mV
Input Voltage Noise
f = 100 kHz
23.5
nV/√Hz
Gain
0.99
1
1.02
V/V
CMRR
ΔVOCM = 1.5 V; RF = RG = 10 kΩ, RL = open circuit
−80
−77
dB
5 V GENERAL PERFORMANCE
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
5
V
Quiescent Current per Amplifier
Enabled
31.1
34
38.4
mA
Enabled, TMIN to TMAX variation
74.5
μA/
°C
Disabled
0.45
1.8
2.6
mA
+PSRR
ΔVICM = 1 V; RF = RG = 10 kΩ, RL = open circuit
−74
−71
dB
−PSRR
ΔVICM = 1 V; RF = RG = 10 kΩ, RL = open circuit
−91
−75
dB
POWER-DOWN (PD)
PD Input Voltage
Disabled
<2.5
V
Enabled
>3
V
Turn-Off Time
1
μs
Turn-On Time
12
ns
PD Pin Bias Current
Enabled
PD = 5 V
0.09
μA
Disabled
PD = 0 V
97
μA
OPERATING TEMPERATURE RANGE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com