Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-1YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4930-1YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4930-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4930-1/ADA4930-2
Rev. A | Page 12 of 28
100k
1M
10M
100M
1G
FREQUENCY (Hz)
–70
–75
–65
–60
–55
–50
–45
–40
Figure 25. CMRR vs. Frequency, RL = 200 Ω
–140
1M
10M
100M
1G
FREQUENCY (Hz)
–120
–100
–80
–60
–130
–110
–90
–70
CHANNEL 1 TO CHANNEL 2
CHANNEL 2 TO CHANNEL 1
Figure 26. Crosstalk vs. Frequency, RL = 200 Ω
–70
–60
–50
–40
–30
–20
–10
0
1M
10M
100M
1G
10G
FREQUENCY (Hz)
S11
S22
Figure 27. S11, S22, RL = 200 Ω
–100
–90
–80
–70
–60
–50
–40
–30
–20
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 28. PSRR vs. Frequency, RL = 200 Ω
1M
10M
100M
1G
FREQUENCY (Hz)
–50
–35
–55
–40
–25
–60
–45
–30
–20
VIN = 1V p-p
GAIN = 2
Figure 29. Output Balance vs. Frequency, RL = 200 Ω
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
1M
10M
100M
200M
FREQUENCY (Hz)
RL = 200Ω
RL = 1kΩ
Figure 30. SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com