Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4930-1YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4930-1YCPZ-R2
Description  Ultralow Noise Drivers for Low Voltage ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4930-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4930-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADA4930-1/ADA4930-2
Rev. A | Page 15 of 28
TEST CIRCUITS
ADA4930
1kΩ
+VS
301Ω
301Ω
50Ω
0.9V
0.9V
0.9V
301Ω
26.7Ω
301Ω
VOCM
57.6Ω
VIN
Figure 39. Equivalent Basic Test Circuit
+VS
ADA4930
301Ω
301Ω
50Ω
301Ω
50Ω
50Ω
26.7Ω
301Ω
VOCM
57.6Ω
VIN
0.9V
0.9V
0.9V
Figure 40. Test Circuit for Output Balance
0.9V
0.9V
0.9V
0.9V
+VS
ADA4930
301Ω
301Ω
50Ω
301Ω
412Ω
412Ω
26.7Ω
301Ω
VOCM
261Ω
57.6Ω
VIN
FILTER
0.1µF
0.1µF
FILTER
Figure 41. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com