Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S40 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S40
Description  Long Focal Distance, Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S40 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S40 Datasheet HTML 1Page - Sharp Corporation GP2S40 Datasheet HTML 2Page - Sharp Corporation GP2S40 Datasheet HTML 3Page - Sharp Corporation GP2S40 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2S40
0
0.5
1
1.5
2
1
2
2.5
3
5
25˚C
0˚C
- 25˚C
50˚C
Fig. 3 Forward Current vs. Forward Voltage
T a = 75˚C
2
5
2
5
2
5
2
5
25
50
75
100
0
Ambient Temperature
10 -6
10 -7
10 -8
10 -9
10 -10
Fig. 7 Collector Dark Current vs.
0.6
1.8
1.2
2.4
3.0
0
0
Forward Current
3.0
2.4
1.8
1.2
0.6
0
0
2.4
4.8
7.2
9.6
12
CE ( V )
02550
75
85
0
IF= 20mA
VCE=5V
Ambient Temperature
Ambient temperature T a (˚C)
-20
Forward voltage V F (V)
VCE= 20V
Fig. 4 Collector Current vs.
Forward current I F ( mA )
Fig. 5 Collector Current vs.
Collector-emitter Voltage
10
20
50
100
200
500
5mA
10mA
20mA
30mA
40mA
Ta = 25˚C
Collector-emitter voltage V
Ambient temperature T a (˚C)
50
25
75
100
125
Fig. 6 Relative Collector Current vs.
5
101520
25
30
V CE =5V
Ta = 25˚C
IF= 50mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com