Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S40 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S40
Description  Long Focal Distance, Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S40 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S40 Datasheet HTML 1Page - Sharp Corporation GP2S40 Datasheet HTML 2Page - Sharp Corporation GP2S40 Datasheet HTML 3Page - Sharp Corporation GP2S40 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2S40
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C)
s Applications
GP2S40
Long Focal Distance,
1. Ultra compact DIP package
( Volume: 1/3 of GP2S05)
2. Long focal distance type
( focal distance: 3mm )
3. Effective detection distance: 1.5 to 6.5mm
1. Copiers
2. Facsimiles
3. Printers
*1 For 5 seconds
2
1
43
1.75
∗( ) : Reference dimensions
C0.5
4.0
3.0
(4.0)
∗Tolerance:± 0.2mm
1 Anode
3 Collector
Internal connection diagram
12
3
4
4 Cathode
2 Emitter
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Power dissipation
P D
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
mW
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 100
˚C
∗1Soldering temperature
T sol
260
˚C
Collector power dissipation
PC
75
mW
Operating temperature
Total power dissipation
Ptot
100
Soldering area
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4 - 0.5
+ 0.3
- 0.1
4 - 0.2
+ 0.3
- 0.1
Subminiature Photointerrupter


Similar Part No. - GP2S40

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
More results

Similar Description - GP2S40

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
logo
Omron Electronics LLC
E2EC-CR5B1 OMRON-E2EC-CR5B1 Datasheet
719Kb / 9P
Subminiature Sensors with Long-distance Detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com