Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S40 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2S40
Description  Long Focal Distance, Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S40 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2S40 Datasheet HTML 1Page - Sharp Corporation GP2S40 Datasheet HTML 2Page - Sharp Corporation GP2S40 Datasheet HTML 3Page - Sharp Corporation GP2S40 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP2S40
1
10
100
1000
0.1
1
10
100
10 %
Test Circuit for Response Time
Output
Input
90 %
td
tr
ts
tf
1
20
40
60
80
100
10
30
50
70
90
23
4
5
6
7
1mm
+
Black
White
L= 0
OMS
Test Card
Sensor moving distance L ( mm )
Sensor moving Distance ( 1 )
Fig. 9 Relative Collector Current vs.
7
6
5
4
3
2
90
70
50
30
10
100
80
60
40
20
1
1mm
+
Black
White
L= 0
Fig.10 Relative Collector Current vs.
Sensor moving Distance ( 2 )
Sensor moving distance L ( mm )
Vcc
Measuring
terminal
RL
Reflective object
IF = 20mA
VCE =5V
Ta = 25˚C
IF = 20mA
VCE =5V
Ta = 25˚C
VCE =5V
IC= 100 µ A
Ta = 25˚C
t s
t d
t f
t r
q Please refer to the chapter “ Precautions for Use” .
Resistance
Fig. 8 Response Time vs. Load
Load resistance R L ( kΩ )
Al
IF=20mA
VCE=5V
Ta=25˚C
0
2468
10
20
40
60
80
100
d
Fig. 11 Relative Collector Current vs. Distance
Distance d (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com