Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W2002YK Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2W2002YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2002YK Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2W2002YK Datasheet HTML 4Page - Sharp Corporation GP2W2002YK Datasheet HTML 5Page - Sharp Corporation GP2W2002YK Datasheet HTML 6Page - Sharp Corporation GP2W2002YK Datasheet HTML 7Page - Sharp Corporation GP2W2002YK Datasheet HTML 8Page - Sharp Corporation GP2W2002YK Datasheet HTML 9Page - Sharp Corporation GP2W2002YK Datasheet HTML 10Page - Sharp Corporation GP2W2002YK Datasheet HTML 11Page - Sharp Corporation GP2W2002YK Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
8
Rev. 1.0.1, November 26, ‘98
9:
Emitter output wavelength definition:
Pulse Width
tr
tf
10%
50%
90%
IE
T
6.67
µs
100mW/sr
Figure 6.2 GP2W2002YK Emitter Output Waveform
10:
Recommended Circuit for Emitter Side:
LEDA
TX
VCC2 = 5V
4.7
Ω
820
Ω
560pF
V
IH
=3.0V
IrDA
Control
GP2W2002YK
7. Pinout
Pin
Description
Symbol
1
Analog Supply Voltage
AV
CC
2
Shut Down for Low Current Consumption
SD
3
RESET Terminal for Receiver Sensitivity Recovery
RESET
4
-
CX
5
Analog Ground
AGND
6
Digital Supply Voltage
DV
CC
7
Digital Ground
DGND
8
Receiver Data Output
V
O
9
Bandpass Filter
f
0
10
Transmitter Data Input
TXD
11
IRLED Anode
LEDA
The output signal shown above (Figure 6.2) should be obtained by
applying the “recommended circuit for emitter side” shown right.
PIN 1
PIN 11
PIN 11
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com