Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W2002YK Datasheet(PDF) 10 Page - Sharp Corporation

Part # GP2W2002YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2002YK Datasheet(HTML) 10 Page - Sharp Corporation

Back Button GP2W2002YK Datasheet HTML 4Page - Sharp Corporation GP2W2002YK Datasheet HTML 5Page - Sharp Corporation GP2W2002YK Datasheet HTML 6Page - Sharp Corporation GP2W2002YK Datasheet HTML 7Page - Sharp Corporation GP2W2002YK Datasheet HTML 8Page - Sharp Corporation GP2W2002YK Datasheet HTML 9Page - Sharp Corporation GP2W2002YK Datasheet HTML 10Page - Sharp Corporation GP2W2002YK Datasheet HTML 11Page - Sharp Corporation GP2W2002YK Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
10
Rev. 1.0.1, November 26, ‘98
10. RESET Function
The “RESET” terminal is used to recover the receiver sensitivity to its maximum level. Since Sharp IrDA Control
Infrared Transceiver has a built-in capability to adjust the receiving sensitivity, as a result, a very weak IR signals may
not be correctly received just after receiving a very strong IR signals.
Following figure shows an example of “RESET” signal in order to recover the Sharp IrDA Control Infrared
Transceiver’s receiving sensitivity to its receiving sensitivity to its maximum level:
Optical
Signal
Vo
RESET
input
> 13
µsec
AGCN
Gap Time
tret
tret: The time period until AGCN
(NOTES)
This pinout is an Active Low terminal, and stays HIGH level when it is OPEN. The Low Level Pulse for the period of
> 13
µsec enables this function to work. This > 13µsec input must be pulsed within the period of Gap time in order for
the transceiver to have receiver sensitivity recovery. The timing for this “RESET” pulse should be adjusted at controller
side.
11. The Derating Curve of Peak Forward LED Current
0
100
200
300
400
500
600
-25
0
25
50
75
100
Ambient Temperature : Ta (oC)
-10
70
Figure 11.1 Derating Curve of Peak LED Current
Pulse width < 3.3
µsec, Duty Ratio < 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com