Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W2002YK Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2W2002YK
Description  IrDA Control Infrared Transceiver for Peripheral Type 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W2002YK Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2W2002YK Datasheet HTML 3Page - Sharp Corporation GP2W2002YK Datasheet HTML 4Page - Sharp Corporation GP2W2002YK Datasheet HTML 5Page - Sharp Corporation GP2W2002YK Datasheet HTML 6Page - Sharp Corporation GP2W2002YK Datasheet HTML 7Page - Sharp Corporation GP2W2002YK Datasheet HTML 8Page - Sharp Corporation GP2W2002YK Datasheet HTML 9Page - Sharp Corporation GP2W2002YK Datasheet HTML 10Page - Sharp Corporation GP2W2002YK Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ELECTRONIC COMPONENTS
SHARP IrDA Control Infrared Transceiver
SHARP Electronic Components
7
Rev. 1.0.1, November 26, ‘98
6. Electrical and Optical Specifications
(Unspecified Ta=25 oC,Vcc=3.3V)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
RECEIVER SIDE
Current Dissipation
I
CC
-
5.0
7.0
mA
No input IR signal, V
CC=3.3V
S/D Current Dissipation
Iccsd
-
7.0
10.0
µA
*6 at low current consumption
mode
Receiver Data
Logic High
V
OH
V
CC-0.5
-
-
V
No input IR signal, High level
Output Voltage
Logic Low
V
OL
-
-
0.5
V
I
OL=400µA
Single Pulse
t
ws
3.66
6.67
9.67
µsec *8,9 Input pulse width 6.33µs
Pulse Width
Double Pulse
t
wd
10.33
13.33
16.34
µsec *8,9 Input pulse width 13.0µs
Multi Pulse
t
wm
50.36
53.36
56.36
µsec *8,9 Input pulse width 53.00µs,*
Jitter
tj
-1.8
-
+1.8
µsec
*
7,8
Receiver Data Output Rise Time
tr
-
-
6.0
µsec
*
8
Receiver Data Output Fall Time
tf
-
-
6.0
µsec
*
8
Receiver Detecting Distance
L
1.5
-
-
m
*4
Θr < 40o, Φr < 25o
68mW/sr
TRANSMITTER SIDE
Transmitter Radiant Intensity
I
E
9-
-
mW/sr
*4
Θt < +40o, Φt < +25o
I
LED=400mA
Peak Wavelength
λp
850
-
900
nm
I
LED=400mA
Rise Time
tr
(LED)
-
-
80
nsec
*
9,10
Fall Time
tf
(LED)
-
-
80
nsec
*
9,10
(NOTES)
* twm=53.00
µs (6.67 µs×8−0.36)
6.
“L”: Low current consumption mode, “H” or OPEN: Normal operating mode.
7.
The time difference or time gap from the pulse judgement criteria point of the output waveform at the 50% point
between V
OH and VOL.
8:
Receiver output wavelength definition:
tj
t
ws, twd, twm
tf
tr
10%
50%
90%
10%
50%
90%
VOH
VOL
Criterion for
Pulse Position
Figure 6.1 GP2W2002YK Receiver Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com