Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2411-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2411-R
Description  NPN Silicon Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2411-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2411-R Datasheet HTML 1Page - Micro Commercial Components 2SC2411-R Datasheet HTML 2Page - Micro Commercial Components 2SC2411-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Silicon
Epitaxial Transistors
Features
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Maximum Ratings @ Ta = 25
(unless otherwise noted)
Symbol
Parameter
Value
Unit
IC
Collector Current
0.5
A
PD
Collector Power Dissipation
0.2
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
TYPE
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc,IB=0)
32
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc,IE=0)
40
V
V(BR)EBO
Collector-Base Breakdown Voltage
(IE=100uAdc,IC=0)
5.0
V
ICBO
Collector-Base Cutoff Current
(VCB=20Vdc, IE=0)
1
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=4.0Vdc, IC=0)
1
uAdc
ON CHARACTERISTICS
HFE
DC Current Gain
(IC=100mAdc, VCE=3.0Vdc)
82
390
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
0.4
Vdc
)7
Transition Frequency
(VCE=5Vdc,IC=20mAdc,f=100MHZ)
250
MHZ
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
E
B
C
High IC. ICMax.= 0.5 A
Low VCE(sat).Optimal for low voltage operation.
Cob
(VCB=10Vdc,IE=0,f=1MHZ)
6.0
pF
2SC2411-P
2SC2411-Q
2SC2411-R
Marking
CP
CQ
CR
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - 2SC2411-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2411-R KEXIN-2SC2411-R Datasheet
369Kb / 1P
NPN Transistors
logo
Micro Commercial Compon...
2SC2411-R MCC-2SC2411-R Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
logo
Guangdong Kexin Industr...
2SC2411-R-HF KEXIN-2SC2411-R-HF Datasheet
382Kb / 1P
NPN Transistors
More results

Similar Description - 2SC2411-R

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com