Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3279-P Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC3279-P
Description  NPN Silicon Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC3279-P Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC3279-P Datasheet HTML 1Page - Micro Commercial Components 2SC3279-P Datasheet HTML 2Page - Micro Commercial Components 2SC3279-P Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Silicon
Epitaxial Transistors
Features
•
High DC Current Gain and excellent hFE Linearity
hFE(1) =140-600 (VCE=1.0V, IC=0.5A)
hFE(2) =70 (Min.), 200 (Typ.) (VCE=1.0V, IC=2.0A)
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
10
V
VCES
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - DC
Pulsed
(1)
2.0
5.0
A
IB
Base Current
0.2
A
PC
Collector power dissipation
750
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Voltage
(IC=10mAdc, IB=0)
10
---
---
Vdc
V(BR)EBO
Collector-Emitter Voltage
(IE=1.0mAdc, IC=0)
6.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=6.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(2)
(IC=0.5Adc, VCE=1.0Vdc)
140
---
600
---
hFE(2)
DC Current Gain
(IC=2.0Adc, VCE=1.0Vdc)
70
200
---
---
VCE(sat)
Collector Saturation Voltage
(IC=2.0Adc, IB=50mAdc)
---
0.2
0.5
Vdc
VBE
Base Saturation Voltage
(IC=2.0Adc, VCE=1.0Vdc)
---
0.86
1.5
Vdc
fT
Transition Frequency
(VCE=1.0Vdc, IC=0.5Adc)
100
150
---
MHz
Cob
Collector Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
---
27
---
pF
(1) Pulse Width=10 ms (Max.), Duty Cycle=30% (Max.)
(2) hFE(1) Classification
L: 140-240, M: 200-330, N: 300-450, P: 420-600
TO-92
AE
B
C
D
G
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
2SC3279-L
2SC3279-M
2SC3279-N
2SC3279-P
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
E
C
B


Similar Part No. - 2SC3279-P

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC3279-P MCC-2SC3279-P Datasheet
364Kb / 3P
NPN Silicon Epitaxial Transistors
More results

Similar Description - 2SC3279-P

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com