Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4115S-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4115S-R
Description  NPN Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4115S-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4115S-R Datasheet HTML 1Page - Micro Commercial Components 2SC4115S-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN
Plastic-Encapsulate
Transistors
Features
•
Power dissipation: PCM = 0.3W(Tamb=25 )
•
Collector current: ICM = 3A
•
Collector-base voltage: V(BR)CBO = 40V
•
Operating and storage junction temperature range
TJ, Tstg: -55
to + 150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
VCEO
Collector-Emitter Voltage
(IC=-50
­A, IE=0)
20
---
---
V
VCBO
Collector-Base Voltage
(IC=-1
­A, IB=0)
40
---
---
V
VEBO
Emitter-Base Voltage
(IE=-50
­A, IC=0)
6.0
---
---
V
ICBO
Collector cut-off Current
(VCB=-20V, IE=0)
---
---
0.1
­A
IEBO
Emitter cut-off Current
(VEB=-5V, IC=0)
---
---
0.1
­A
hFE
DC current gain
(VCE=-2V, IC=-0.1A)
120
---
560
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-2A, IB=-0.1A)
---
---
0.5
V
fT
Transition Frequency
(VCE=2.0Vdc, IC=0.5Adc)
200
---
---
MHz
Measured Using Pulse Current
CLASSIFICATION OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
4115Q
4115R
4115S
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 3
2008/02/01
TM
Micro Commercial Components
TO-92S
AE
B
C
D
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.16
4.00
B
.12
3.00
C
.59
---
15.00
---
D
.02
0.45
E
.08
2.00
G
.20
5.00
1 2 3
1.EMITTER
3.BASE
2.COLLECTOR
2SC4115S-Q
2SC4115S-R
2SC4115S-S
•
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
1 of 2


Similar Part No. - 2SC4115S-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4115S-R MCC-2SC4115S-R Datasheet
370Kb / 2P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC4115S-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com