Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4215-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4215-R
Description  NPN Silicon Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4215-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4215-R Datasheet HTML 1Page - Micro Commercial Components 2SC4215-R Datasheet HTML 2Page - Micro Commercial Components 2SC4215-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.mccsemi.com
2SC4215-R
2SC4215-O
2SC4215-Y
NPN Silicon
Epitaxial Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
20
mA
PC
Collector power dissipation
100
mW
TJ, TSTG
Junction and Storage Temperature
-55 to +150
hFE CLASSIFICATION
Rank
R
O
Y
Ramge
40~80
70~140
100~200
Marking
QR
QO
QY
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
1 of 3
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
E
B
C
V(BR)CBO
Collector -base breakdown voltage
(IC=100
µA, I
E= 0)
40
V
V(BR)CEO
Collector-emitter breakdown voltage
(IC=1mA, IB= 0)
30
V
V(BR)EBO
Emitter-base breakdown voltage
(IE=100
µA, Ic= 0)
4
V
ICBO
Collector cut-off current
(VCB=40V,IE=0)
0.1
µA
IEBO
Emitter cut-off current
(VEB=4V, Ic= 0)
0.5
µA
hFE
DC Current Gain
(VCE=6V,IC=1mA)
40
200
CC rbb
Collector-base time constant
(VCE=6V, Ic=1mA,f=30MHz)
25
ps
Cre
Reverse transfer capacitance
(VCB=10V, f=1.0MHz)
0.55
pF
fT
Transition frequency
(VCE=6V, Ic=1mA,)
260
550
MHz
•
Small reverse transfer capacitance: Cre= 0.55pF(typ.)
•
Low
oise figure: NF=2dB (typ.) (f=100 MHz)
V
TM
Micro Commercial Components
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
mm


Similar Part No. - 2SC4215-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4215-R MCC-2SC4215-R Datasheet
338Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4215-R MCC-2SC4215-R_13 Datasheet
338Kb / 3P
NPN Silicon Epitaxial Transistors
More results

Similar Description - 2SC4215-R

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com