Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016LL Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH28F016LL Datasheet HTML 12Page - Sharp Corporation LH28F016LL Datasheet HTML 13Page - Sharp Corporation LH28F016LL Datasheet HTML 14Page - Sharp Corporation LH28F016LL Datasheet HTML 15Page - Sharp Corporation LH28F016LL Datasheet HTML 16Page - Sharp Corporation LH28F016LL Datasheet HTML 17Page - Sharp Corporation LH28F016LL Datasheet HTML 18Page - Sharp Corporation LH28F016LL Datasheet HTML 19Page - Sharp Corporation LH28F016LL Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LH28F016LL
16M (1M × 16, 2M × 8) Flash Memory
16
DC Characteristics
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
TYP.
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
I
IL
Input Load Current
±1
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
LO
Output Leakage Current
±10
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
CCS
V
CC Standby Current
48
µA
V
CC = VCC MAX.,
CE
»
0, CE »1, RP » = VCC ±0.2 V
BYTE, WP, 3/5
» = V
CC ±0.2 V or
GND ±0.2 V
1, 4
14
mA
V
CC = VCC MAX.,
CE
»
0, CE »1, RP » = VIH
BYTE, WP, 3/5
» = V
IH or VIL
I
CCD
V
CC Deep Power-Down
Current
15
µA
RP
» = GND ±0.2 V
1
I
CCR
1
V
CC Read Current
30
35
mA
V
CC = VCC MAX.,
CMOS: CE
»
0, CE »1 = GND ±0.2 V
BYTE = GND ±0.2 V or V
CC ±0.2 V
Inputs = GND ±0.2 V or V
CC ±0.2 V
TTL: CE
»
0, CE »1 = VIL,
BYTE = V
IL or VIH
Inputs = V
IL or VIH
f = 8 MHz, I
OUT = 0 mA
1, 3, 4
I
CCR
2
V
CC Read Current
15
20
mA
V
CC = VCC MAX.,
CMOS: CE
»
0, CE »1 = GND ±0.2 V
BYTE = V
CC ±0.2 V or GND ±0.2 V
Inputs = GND ±0.2 V or V
CC ±0.2 V
TTL: CE
»
0, CE »1 = VIL,
BYTE = V
IH or VIL
Inputs = V
IL or VIH
f = 4 MHz, I
OUT = 0 mA
1, 3, 4
I
CCW
V
CC Write Current
8
12
mA
Word/Byte Write in Progress
1
I
CCE
V
CC Block Erase Current
6
10
mA
Block Erase in Progress
1
I
CCES
V
CC Erase Suspend
Current
36
mA
CE
»
0, CE »1 = VIH
Block Erase Suspended
1, 2
I
PPS
V
PP Standby Current
0.2
5
µA
V
PP ≤ VCC
1
I
PPD
V
PP Deep Power-Down
Current
0.2
5
µA
RP
» = GND ±0.2 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com