Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016LL Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH28F016LL Datasheet HTML 21Page - Sharp Corporation LH28F016LL Datasheet HTML 22Page - Sharp Corporation LH28F016LL Datasheet HTML 23Page - Sharp Corporation LH28F016LL Datasheet HTML 24Page - Sharp Corporation LH28F016LL Datasheet HTML 25Page - Sharp Corporation LH28F016LL Datasheet HTML 26Page - Sharp Corporation LH28F016LL Datasheet HTML 27Page - Sharp Corporation LH28F016LL Datasheet HTML 28Page - Sharp Corporation LH28F016LL Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
16M (1M × 16, 2M × 8) Flash Memory
LH28F016LL
27
Figure 14. Page Buffer Write Timing Waveforms
Erase and Word/Byte Write Performance
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
TYP.(1)
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
t
WHRH
1
Word/Byte Write Time
12
µs
2
t
WHRH
2
Block Write Time
0.8
2.1
s
Byte Write Mode
2
t
WHRH
3
Block Write Time
0.4
1.0
s
Word Write Mode
2
Block Erase Time
**
10
s
2
Full Chip Erase Time
**
s
2
NOTES:
1. 25°C, VPP = 3.3 V Sampled.
2. Excludes System-Level Overhead.
**To be Determined
VALID
ADDRESSES
HIGH-Z
DIN
tDVWH
DATA (D/Q)
CEX (E)
WE (W)
tWHDX
tAVWL
tWLWH
tWHWL
tWHEH
tELWL
tWHAX
28F016LLT-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com