Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016LL Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH28F016LL Datasheet HTML 17Page - Sharp Corporation LH28F016LL Datasheet HTML 18Page - Sharp Corporation LH28F016LL Datasheet HTML 19Page - Sharp Corporation LH28F016LL Datasheet HTML 20Page - Sharp Corporation LH28F016LL Datasheet HTML 21Page - Sharp Corporation LH28F016LL Datasheet HTML 22Page - Sharp Corporation LH28F016LL Datasheet HTML 23Page - Sharp Corporation LH28F016LL Datasheet HTML 24Page - Sharp Corporation LH28F016LL Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
16M (1M × 16, 2M × 8) Flash Memory
LH28F016LL
21
Figure 11. V
CC Power-Up and RP  » Reset Waveforms
NOTES:
CE
  »0, CE  »1 and OE  » are switched low after Power-Up.
1. The power supply may start to switch concurrently with RP
  » going Low.
2. Refer to the AC Characteristics Read Only Operations for detail information.
**To be Determined
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
NOTE
t
PL
RP
» Low to V
CC at 3.0 V Minimum
0
µs
1
t
AVQV
Address Valid to Data Valid for V
CC = 2.7 V to 3.6 V
**
ns
2
t
PHQV
RP
» High to Data Valid for V
CC = 2.7 V to 3.6 V
**
ns
2
28F016LLT-11
VALID
ADDRESS (A)
RP (P)
DATA (Q)
VALID
tPL
VCC
VALID
VALID
3.0 V
3.3 V
tAVQV
tPHQV
tPHQV
tAVQV
VCC POWER UP
0 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com