Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SA Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH28F016SA
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SA Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH28F016SA Datasheet HTML 12Page - Sharp Corporation LH28F016SA Datasheet HTML 13Page - Sharp Corporation LH28F016SA Datasheet HTML 14Page - Sharp Corporation LH28F016SA Datasheet HTML 15Page - Sharp Corporation LH28F016SA Datasheet HTML 16Page - Sharp Corporation LH28F016SA Datasheet HTML 17Page - Sharp Corporation LH28F016SA Datasheet HTML 18Page - Sharp Corporation LH28F016SA Datasheet HTML 19Page - Sharp Corporation LH28F016SA Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LH28F016SA
16M (1M × 16, 2M × 8) Flash Memory
16
Timing Nomenclature
For 3.3 V systems timings are measured from where signals cross 1.5 V. For 5.0V systems use the standard JEDEC
crosspoint definitions. Each timing parameter consists of 5 characters. Some common examples are defined below:
tCE
tELQV time (t) from CE  » (E) going low (L) to the outputs (Q) becoming valid (V)
tOE
tGLQV time (t) from OE  » (G) going low (L) to the outputs (Q) becoming valid (V)
tACC tAVQV time (t) from address (A) valid (V) to the outputs (Q) becoming valid (V)
tAS
tAVWH time (t) from address (A) valid (V) to WE  » (W) going high (H)
tDH
tWHDX time (t) from WE  » (W) going high (H) to when the data (D) can become undefined (X)
PIN CHARACTERS
PIN STATES
A
Address Inputs
H
High
D
Data Inputs
L
Low
Q
Data Outputs
V
Valid
ECE
» (Chip Enable)
X
Driven, but not necessarily valid
GOE
» (Output Enable)
Z
High Impedance
W
WE (Write Enable)
PRP
» (Deep Power-Down Pin)
RRY
»/BY » (Ready/Busy)
V
Any Voltage Level
Y
3/5
» Pin
5 V
V
CC at 4.5 V Min.
3 V
V
CC at 3.0 V Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com