Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SA Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH28F016SA
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SA Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH28F016SA Datasheet HTML 17Page - Sharp Corporation LH28F016SA Datasheet HTML 18Page - Sharp Corporation LH28F016SA Datasheet HTML 19Page - Sharp Corporation LH28F016SA Datasheet HTML 20Page - Sharp Corporation LH28F016SA Datasheet HTML 21Page - Sharp Corporation LH28F016SA Datasheet HTML 22Page - Sharp Corporation LH28F016SA Datasheet HTML 23Page - Sharp Corporation LH28F016SA Datasheet HTML 24Page - Sharp Corporation LH28F016SA Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
16M (1M × 16, 2M × 8) Flash Memory
LH28F016SA
21
DC Characteristics (Continued)
VCC = 5.0 V ± 0.5 V, TA = 0°C to +70°C
3.5
  » Pin Set Low for 5 V Operations
NOTES:
1. All currents are in RMS unless otherwise noted. Typical values at VCC = 5.0 V, VPP = 5.0 V, T = 25°C. These currents are valid for all
product versions (package and speeds).
2. ICCES is specified with the device de-selected. If the device is read while in erase suspend mode, current draw is the sum of
ICCES and ICCR.
3. Automatic Power Saving (APS) reduces ICCR to less than 2 mA in Static operation.
4. CMOS Inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL Inputs are either VIL or VIH.
SYMBOL
PARAMETER
TYPE
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
I
PPR
V
PP Read Current
65
200
µA
V
PP > VCC
1
I
PPW
V
PP Write Current
7
12
mA
V
PP = VPPH, Word/Byte
Write in Progress
1
I
PPE
V
PP Erase Current
5
10
mA
V
PP = VPPH,
Block Erase in Progress
1
I
PPES
V
PP Erase Suspend
Current
65
200
µA
V
PP = VPPH,
Block Erase Suspended
1
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
0.45
V
V
CC = VCC MIN. and
I
OL = 5.8 mA
V
OH
1
Output High Voltage
V
CC 0.85
V
I
OH = -2.5 mA
V
CC = VCC MIN.
V
OH
2
V
CC - 0.4
V
I
OH = -100 µA
V
CC = VCC MIN.
V
PPL
V
PP during Normal
Operations
0.0
6.5
V
V
PPH
V
PP during Write/Erase
Operations
12.0
11.4
12.6
V
V
LKO
V
CC Erase/Write
Lock Voltage
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com