Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SA Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH28F008SA
Description  4M (512K 횞 8, 256K 횞 16) Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 12Page - Sharp Corporation LH28F008SA Datasheet HTML 13Page - Sharp Corporation LH28F008SA Datasheet HTML 14Page - Sharp Corporation LH28F008SA Datasheet HTML 15Page - Sharp Corporation LH28F008SA Datasheet HTML 16Page - Sharp Corporation LH28F008SA Datasheet HTML 17Page - Sharp Corporation LH28F008SA Datasheet HTML 18Page - Sharp Corporation LH28F008SA Datasheet HTML 19Page - Sharp Corporation LH28F008SA Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
LH28F400SU-NC
4M (512K × 8, 256K × 16) Flash Memory
16
Figure 12. Erase All Unlocked Blocks with Compatible Status Registers
28F400SUT-NC60-10
START
(NOTE)
BUS
OPERATION
COMMAND
COMMENTS
WRITE A7H
CSR.7 =
0
YES
NO
1
0
1
0
1
CSR FULL STATUS
CHECK IF DESIRED
OPERATION
COMPLETE
WRITE D0H
CLEAR CSRD
RETRY/ERROR
RECOVERY
(NOTE)
ERASE
SUCCESSFUL
VPP LOW
DETECT
READ CSRD
(see above)
SUSPEND
ERASE
SUSPEND
ERASE LOOP
CSR.4, 5 =
CSR.3 =
Write
Write
Read
Standby
Erase All
Unlocked
Blocks
Confirm
D = A7H
A = X
D = D0H
A = X
Q = CSRD
Toggle CE or OE
to update CSRD
A = X
CSR Full Status Check can be done after Erase All Unlocked
Block, or after a sequence of Erasures.
Write FFH after the last operation to reset
device to read array mode.
See Command Bus Cycle notes for description of codes.
NOTE:
Where power off or RP is set low during erase operation,
1. Clear CSR.3/4/5 and issue Reset WP command,
2. Retry Erase All Unlocked Block Erase command to
erase all blocks, or issue Single Block Erase to
erase all of the unlocked blocks in sequence.
3. Set WP command is issued, if necessary.
Check CSR.7
1 = WSM Ready
0 = WSM Busy
BUS
OPERATION
COMMAND
CSR FULL STATUS CHECK PROCEDURE
COMMENTS
Standby
Standby
Check CSR.4, 5
1 = Erase Error
0 = Erase Successful
Both 1 = Command
Sequence Error
CSR.3, 4, 5 should be cleared, if set, before further attempts
are initiated.
NOTE:
If CSR.3 (VPPS) is set to '1', after clearing CSR.3/4/5,
1. Issue Reset WP command,
2. Retry Erase All Unlocked Block Erase command to erase
all blocks, or issue Single Block Erase to erase all of the
unlocked blocks in sequence.
3. Set WP command is issued, if necessary.
If CSR.3 (VPPS) is set to '0', after clearing CSR.3/4/5,
1. Retry Erase All Unlocked Block Erase command.
READ COMPATIBLE
STATUS REGISTER
Check CSR.3
1 = VPP Low Detect
0 = VPP OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com