Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SA Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH28F008SA
Description  4M (512K 횞 8, 256K 횞 16) Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 17Page - Sharp Corporation LH28F008SA Datasheet HTML 18Page - Sharp Corporation LH28F008SA Datasheet HTML 19Page - Sharp Corporation LH28F008SA Datasheet HTML 20Page - Sharp Corporation LH28F008SA Datasheet HTML 21Page - Sharp Corporation LH28F008SA Datasheet HTML 22Page - Sharp Corporation LH28F008SA Datasheet HTML 23Page - Sharp Corporation LH28F008SA Datasheet HTML 24Page - Sharp Corporation LH28F008SA Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
4M (512K × 8, 256K × 16) Flash Memory
LH28F400SU-NC
21
DC Characteristics
VCC = 5.0 V ± 0.5 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
TYP.
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
I
IL
Input Load Current
±1
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
LO
Output Leakage Current
±10
µA
V
CC = VCC MAX., VIN = VCC or GND
1
I
CCS
V
CC Standby Current
510
µA
V
CC = VCC MAX.,
CE
», RP » = V
CC ±0.2 V
BYTE = V
CC ±0.2 V or GND ±0.2 V
1, 4
14
mA
V
CC = VCC MAX.,
CE
», RP » = V
IH
BYTE = V
IH or VIL
I
CCD
V
CC Deep Power-Down
Current
0.2
5
µA
RP
» = GND ±0.2 V
1
I
CCR
1
V
CC Read Current
60
mA
V
CC = VCC MAX.,
CMOS: CE
»= GND ±0.2 V
BYTE = GND ±0.2 V or V
CC ±0.2 V
Inputs = GND ±0.2 V or V
CC ±0.2 V
TTL: CE
»= V
IL,
BYTE = V
IL or VIH
Inputs = V
IL or VIH
f = 10 MHz, I
OUT = 0 mA
1, 3, 4
I
CCR
2
V
CC Read Current
16
30
mA
V
CC = VCC MAX.,
CMOS: CE
»= GND ±0.2 V
BYTE = V
CC ±0.2 V or GND ±0.2 V
Inputs = GND ±0.2 V or V
CC ±0.2 V
TTL: CE
»= V
IL,
BYTE = V
IH or VIL
Inputs = V
IL or VIH,
f = 5 MHz, I
OUT = 0 mA
1, 3, 4
I
CCW
V
CC Write Current
18
35
mA
Word/Byte Write in Progress
1
I
CCE
V
CC Block Erase Current
18
25
mA
Block Erase in Progress
1
I
CCES
V
CC Erase Suspend
Current
510
mA
CE
»= V
IH
Block Erase Suspended
1, 2
I
PPS
V
PP Standby Current
±1
±10
µA
V
PP ≤ VCC
1
I
PPD
V
PP Deep Power-Down
Current
0.2
5
µA
RP
» = GND ±0.2 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com