Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD772-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BD772-R
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD772-R Datasheet(HTML) 1 Page - Micro Commercial Components

  BD772-R Datasheet HTML 1Page - Micro Commercial Components BD772-R Datasheet HTML 2Page - Micro Commercial Components BD772-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Capable of
0.5Watts of Power Dissipation.
Collector-current 3.0A
Collector-base Voltage 40V
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V (BR)CEO
Collector-Emitter Breakdown Voltage
(IC=
-10mAdc, IB=0)
-30
---
Vdc
V (BR)CBO
Collector-Base Breakdown Voltage
(IC=-100uAdc, IE=0)
-40
---
Vdc
V (BR)EBO
Emitter-Base Breakdown Voltage
(IE=-100uAdc, IC=0)
-5.0
---
Vdc
I CBO
Collector Cutoff Current
(VCB=-40Vdc, IE=0)
---
-1.0
uAdc
ICEO
Collector Cutoff Current
(VCE=-30Vdc, IB=0)
---
-10
uAdc
IEBO
Emitter Cutoff Current
(VEB=-6.0Vdc, IC=0)
---
-1.0
uAdc
ON CHARACTERISTICS
h FE(1)
DC Current Gain
(IC=
-1.0Adc, VCE=-2.0Vdc)
60
400
---
V CE(sat)
Collector-Emitter Saturation Voltage
(IC=-2.0Adc, IB=-0.2Adc)
---
-0.5
Vdc
V BE(sat)
Base-Emitter Saturation Voltage
(IC=-2.0Adc, IB=-0.2Adc)
---
-1.5
Vdc
SMALL-SIGNAL CHARACTERISTICS
f T
Transistor Frequency
(I C=-0.1Adc, VCE=-5.0Vdc, f=10MHz)
80
---
MHz
CLASSIFICATION OF HFE (1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
B
D772-R
B
D772-O
B
D772-Y
B
D772-GR








































SOT-89
1. BASE
2. COLLETOR
3. EMITTER
B
A
E
D
G
H
F
K
J
C




















12
3




 

 
 











25
































































1.55
.061
REF.






























































Marking: B772
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - BD772-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BD772-R MCC-BD772-R Datasheet
442Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R_13 Datasheet
442Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - BD772-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MPS2907 MCC-MPS2907 Datasheet
244Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com