Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS102011SAQN Datasheet(PDF) 1 Page - C&K Components

Part # JS102011SAQN
Description  Sub-Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011SAQN Datasheet(HTML) 1 Page - C&K Components

  JS102011SAQN Datasheet HTML 1Page - C&K Components JS102011SAQN Datasheet HTML 2Page - C&K Components JS102011SAQN Datasheet HTML 3Page - C&K Components JS102011SAQN Datasheet HTML 4Page - C&K Components JS102011SAQN Datasheet HTML 5Page - C&K Components JS102011SAQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
I–49
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
JS Series
Sub-Miniature Slide Switches
Features/Benefits
• Positive detent
• Low profile
• IR reflow to 260º solder profile
• Surface and thru hole mounting
• SPDT, DPDT, DP3T models
• RoHS compliant
Typical Applications
• Telecommunication products
• Computer peripherals
• Thermostat select switch
• Instrumentations
Specifications
CONTACT RATING: See individual series for information.
ELECTRICAL LIFE: See individual series for information.
CONTACT RESISTANCE: 70 m
Ω max.
INSULATION RESISTANCE: 100 M
Ω min. @ 500V.
DIELECTRIC STRENGTH: 500 VAC min. @ sea level.
OPERATING TEMPERATURE: -10ºC to +60ºC
STORAGE TEMPERATURE: -30ºC to +85ºC
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 4/6 nylon (UL94V-2), black.
ACTUATOR: 4/6 nylon (UL94V-2), black.
CONTACTS: Copper alloy, silver plated.
TERMINALS: Brass, silver plated
RIGHT ANGLE, PC THRU-HOLE
Part Number
JS202011AQN
DPDT
Shown in position 1
PCB MOUNT - HOLE LAYOUT
6X 0.035
(6X 0,9)
TYP
0.354
(9,0)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.130
(3,3)
0.098
(2,5)
a
TYP
4
1
6
3
5
2
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TYP
TYP
TRAVEL
(2,0)
0.079
b
0.098
TYP
(2,5)
0.138
(3,5)
0.335
(8,5)
0.059±.002
(1,5±0,05)
0.098
(2,5)
0.024
(0,6)
0.040
(1,0)
0.256
(6,5)
0.014
(0,35)
0.130±.016
(3,3±0,4)
0.012
(0,30)
C&K
C&K
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.


Similar Part No. - JS102011SAQN

ManufacturerPart #DatasheetDescription
logo
C&K Components
JS102011SAQNL CK-COMPONENTS-JS102011SAQNL Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JS102011SAQNR CK-COMPONENTS-JS102011SAQNR Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results

Similar Description - JS102011SAQN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
Sub-Miniature Slide Switches
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com