Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS102011SAQN Datasheet(PDF) 2 Page - C&K Components

Part # JS102011SAQN
Description  Sub-Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011SAQN Datasheet(HTML) 2 Page - C&K Components

  JS102011SAQN Datasheet HTML 1Page - C&K Components JS102011SAQN Datasheet HTML 2Page - C&K Components JS102011SAQN Datasheet HTML 3Page - C&K Components JS102011SAQN Datasheet HTML 4Page - C&K Components JS102011SAQN Datasheet HTML 5Page - C&K Components JS102011SAQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I–50
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
JS Series
Sub-Miniature Slide Switches
Part Number
JS203011AQN
DP3T
Shown in position 1
b
TRAVEL
c
a
TYP
PCB MOUNT - HOLE LAYOUT
58
14
67
23
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TYP
8X 0.035
(8X 0,9)
0.079
(2,0)
0.138
(3,5)
0.024
(0,6)
0.130
(3,3)
0.130±.016
(3,3±0,4)
0.012
(0,30)
0.512
(13,0)
0.079
(2,0)
0.118
(3,0)
0.079
(2,0)
0.157
(4,0)
0.079
(2,0)
0.157
(4,0)
0.079
(2,0)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.098
(2,5)
0.059±.002
(1,5±0,05)
0.079
(2,0)
0.457
(11,6)
C&K
C&K
b
TRAVEL
c
a
TYP
0.142
-.000
+.012
(3,6+0,3/-0,0)
PCB MOUNT - HOLE LAYOUT
TERMINAL No. 1
TYP
8X 0.035
(8X 0,9)
CIRCUIT DIAGRAM
C: COMMON PIN
C
C
58
14
67
23
0.138
(3,5)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.024
(0,6)
0.130
(3,3)
0.130±.016
(3,3±0,4)
0.012
(0,30)
0.059±.002
(1,5±0,05)
0.512
(13,0)
0.079
(2,0)
0.079
(2,0)
0.118
(3,0)
0.079
(2,0)
0.157
(4,0)
0.079
(2,0)
0.488
(12,4)
0.157
(4,0)
0.079
(2,0)
0.079
(2,0)
C&K
C&K
PC THRU-HOLE
Part Number
JS203011CQN
DP3T
Shown in position 1
RIGHT ANGLE, PC THRU-HOLE
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com