Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS102011SAQN Datasheet(PDF) 3 Page - C&K Components

Part # JS102011SAQN
Description  Sub-Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011SAQN Datasheet(HTML) 3 Page - C&K Components

  JS102011SAQN Datasheet HTML 1Page - C&K Components JS102011SAQN Datasheet HTML 2Page - C&K Components JS102011SAQN Datasheet HTML 3Page - C&K Components JS102011SAQN Datasheet HTML 4Page - C&K Components JS102011SAQN Datasheet HTML 5Page - C&K Components JS102011SAQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
I
I–51
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
JS Series
Sub-Miniature Slide Switches
Part Number
JS202011CQN
DPDT
Shown in position 1
a
TYP
PCB MOUNT - HOLE LAYOUT
4
1
6
3
5
2
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TYP
TYP
6X 0.035
(6X 0,9)
TYP
b
2 TRAVEL
0.354
(9,0)
0.098
TYP
(2,5)
0.138
(3,5)
0.335
(8,5)
0.079
(2,0)
0.059±.002
(1,5±0,05)
0.024
(0,6)
0.040
(1,0)
0.256
(6,5)
0.014
(0,35)
0.130
(3,3)
0.098
(2,5)
0.130±.016
(3,3±0,4)
0.012
(0,30)
0.059±.002
(1,5±0,05)
C&K
SURFACE MOUNT
PCB MOUNT - TOLERANCE ±.002(0,05)
1
4
3
6
2
5
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TRAVEL
(2,0)
0.079
a
0.354
(9,0)
0.024
(0,6)
TYP
0.098
TYP
(2,5)
0.059±.002
(1,5±0,05)
0.138
(3,5)
0.079
(2,0)
0.335
(8,5)
0.059±.002
(1,5±0,05)
0.118
(3,0)
0.295
(7,5)
0.012
(0,3)
TYP
0.118
(3,0)
0.047
(1,2)
TYP
0.315
(8,0)
0.098
(2,5)
TYP
C&K
PC THRU-HOLE
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
CONTACT RATING: 6 VDC @ 0.3A
ELECTRICAL LIFE: 5,000 make-and-break cycles.
CONTACT RATING: 30 VDC @ 0.1A
ELECTRICAL LIFE: 15,000 make-and-break cycles.
.512
[13]
.079
[2]
.157
[4]
.079
[2]
.142
[3,6 ]
.079
[2]
.079 TRAVEL
[2 ]
.059 ±.002
1,5 ± 0,05
[]
.059 ±.002
1,5 ± 0,05
[]
.079
[2 ]
.138
[3,5]
.012
[0,3 ]
.295
[7,5]
.118
[3 ]
.079
[2]
.157
[4]
.079
[2]
.118
[3 ]
.315
[8 ]
.047 TYP
[1,2]
A
B
C
56
C
8
CIRCUIT DIAGRAM
C: COMMON PIN
BOTTOM VIEW
12
4
PC MOUNT - TOLERANCE
±.002 [0,05]
7
3
TERMINAL NO. 1
Part number
JS202011SCQN
DPDT
Shown in position 1. Available in tape & reel only, see page I-54
Part number
JS203011SCQN
DP3T
Shown in position 1. Available in tape & reel only, see page I-54



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com