Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA1GPLFS Datasheet(PDF) 1 Page - C&K Components

Part # TPA1GPLFS
Description  Multidirection SMT Navigation Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPA1GPLFS Datasheet(HTML) 1 Page - C&K Components

  TPA1GPLFS Datasheet HTML 1Page - C&K Components TPA1GPLFS Datasheet HTML 2Page - C&K Components TPA1GPLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
C-8
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TPA Series
Multidirection SMT Navigation Switch
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
24 V
24 V
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
DIELECTRIC STRENGTH: 250 Vrms
CONTACT RESISTANCE, INITIAL: 200 m
Ω
INSULATION RESISTANCE (100 VDC): 100 M
Ω
BOUNCE TIME: < 10 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
–40˚C to +85˚C
–40˚C to +85˚C
STORAGE TEMPERATURE:
–40˚C to +85˚C
–40˚C to +85˚C
Packaging
Tape and reels in reels of 1,000 pieces.
External diameter 330mm ± 2mm.
Process
Infared reflow soldering in accordance with IEC 61760-1
Note: Specifications listed above are for switches with standard options.
Construction
FUNCTION: Multi-directional momentary action
CONTACT ARRANGEMENT: Make contact = SP, N.O.
TERMINALS: Gullwing type for SMT
IP50
Mechanical
SHAFT DISPLACEMENT:
Orthogonal
4 horizontal directions
Vertical
Push down
TRAVEL TO MAKE:
Orthogonal
0.35 mm±0.15 mm
Push to select
0.25 mm±0.15 mm
OPERATING FORCE:
Scanning
Orthogonal
1.8 N ± 0.5 N
Push to select
Vertical
4.0 N ± 0.8 N
MAXIMUM APPLIED FORCE:
Scanning 20N
Select
40N
Button design may prevent overload (see next page)
LIFE EXPECTANCY:
Scanning
200,000 operations in each direction
Push to select
200,000 operations
Navigation Select
3 Scanning 2 directions with selection
4 Scanning 4 directions without selection
5 Scanning 4 directions with selection
Actuation Force
1 1.8 N scanning, 4 N selection
T
P
A
RoHS compliant and compatible
LFS Lead free silver
LFG Lead free gold
G
1
Contact Material
1 Silver
3 Gold
Termination
G Gullwing
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
• One touch, 5 way switching
• Distinctive tactile feel for scanning
and select functions
• Normally open momentary contacts
• Push down to select possible in
any position
• Optional pegs for improved
mechanical strength and easier
PCB positionning
• RoHS compliant and compatible
Typical Applications
• Electronic devices requiring
direct control on LCD display
• MP3 player
• Bluetooth Headset
• Digital cameras
• GPS navigation systems
• Home entertainment systems
• Security
SWITCH
P Pegs


Similar Part No. - TPA1GPLFS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA1-5V TOPPOWER-TPA1-5V Datasheet
643Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Teledyne Technologies I...
TPA10 TELEDYNE-TPA10 Datasheet
217Kb / 2P
TPA10 TekProbe짰 Probe Adapter
TPA10-QUADPAK TELEDYNE-TPA10-QUADPAK Datasheet
217Kb / 2P
TPA10 TekProbe짰 Probe Adapter
logo
STMicroelectronics
TPA100 STMICROELECTRONICS-TPA100 Datasheet
53Kb / 5P
TRISIL
Oct-1998
TPA100 STMICROELECTRONICS-TPA100 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
More results

Similar Description - TPA1GPLFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
NSE10 ITT-NSE10 Datasheet
256Kb / 8P
Navigation Switch Encoders
TPA311GPLFS ITT-TPA311GPLFS Datasheet
256Kb / 4P
Navigation Tact Switch for SMT
logo
E-SWITCH
JS5208 E-SWITCH-JS5208 Datasheet
74Kb / 1P
NAVIGATION SWITCHES
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
Navigation Computer
logo
C&K Components
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
Silent Navigation Switch for SMT
logo
E-SWITCH
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
NAVIGATION SWITCHES
JS1400 E-SWITCH-JS1400 Datasheet
830Kb / 2P
5-POSITION NAVIGATION SWITCH
JS1400 E-SWITCH-JS1400_16 Datasheet
830Kb / 2P
5 POSITION NAVIGATION SWITCH
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
Navigation Systems
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com