Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA1GPLFS Datasheet(PDF) 2 Page - C&K Components

Part # TPA1GPLFS
Description  Multidirection SMT Navigation Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPA1GPLFS Datasheet(HTML) 2 Page - C&K Components

  TPA1GPLFS Datasheet HTML 1Page - C&K Components TPA1GPLFS Datasheet HTML 2Page - C&K Components TPA1GPLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
C-9
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
D
ø 3,2 pick & place area
(.126)
3,5
(.138)
ø3,4 approx.
(.134)
0,65±0,1 (x7)
(.026.004)
2,725
(.1073)
1,0 (x7)
(.039)
ø4,0
(.157)
ø2,0
(.079)
5,325
(.2096)
8,05
(.317)
9,3
(.366)
ø1,95±0,03
(.077±.001)
70˚0'±5˚0'
R 0,17±0,05
(.007±.002)
0,55±0,05
(.022±.002)
90˚0'±2˚0'
UP - 3
DOWN - 4
SELECT - 5
LEFT - 7
RIGHT - 6
COMMON - 2
COMMON - 1
RIGHT
UP
LEFT
DOWN
SELECT
Button snap in sleeve lowest position
F/D measurement point ( scanning )
Actuator
rotation center
R 0,2
(.008)
0,1
0,1 A
0,2
TPA
TPA Series
Multidirection SMT Navigation Switch
1
2
7 LEFT
4 DOWN
6 RIGHT
3 UP
5 SELECT
SCHEMATIC
ø
ø
ø
ø
ø
ø
ø
ø
3,5
DOWN
DOWN-4
3,2 pick & place area
0,2
COMMON-1
UP-3
COMMON-2
RIGHT-6
LEFT-7
SELECT-5
Ø 2
UP
5,325
(2,725)
8,05
9,3
RIGHT
PCB LAYOUT
0,3
1,5±0,05
5,25
2,65
1
2,7±0,05
1,1±0,05
1
2
7 LEFT
4 DOWN
5 SELECT
6 RIGHT
3 UP
0,8±0,05
1,95±0,03
7000’±500’
F/D measurement point (scanning)
Button snap in sleeve lowest position
SELECT
D
0,55±0,05
Actuator rotation center
D
9000’±200’
1,5
2,7
0,9
0,6
1,025(x7)
A
A
0,65±0.1(x7)
2,7
1,5
0,1
0,1
4
3,4 approx
R0
,2
1
TPA with Pegs
RIGHT
PCB LAYOUT
2,7
(.106)
ø6,0
(.024)
5,25
(.207)
2,65
(.104)
1
(.393)
1
(.393)
0,3
(.017)
ø0,9
(.035)
1.5
(.059)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com