Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA1GPLFS Datasheet(PDF) 3 Page - C&K Components

Part # TPA1GPLFS
Description  Multidirection SMT Navigation Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPA1GPLFS Datasheet(HTML) 3 Page - C&K Components

  TPA1GPLFS Datasheet HTML 1Page - C&K Components TPA1GPLFS Datasheet HTML 2Page - C&K Components TPA1GPLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C
C-10
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TPA Series
Multidirection SMT Navigation Switch
STANDARD BUTTON
This drawings shows our standard available product but also provides the dimensional guidelines for a specific button integration, the
main points being:
- shaft clip
- 4 travel stop to avoid overload
To be ordered separately
- TPA Button - Y43109100OP
- Color: Black only
- Bags of 1,000 pieces
B
B
ø8,85
0,5
3 X
R
0,2
0,265
0,5 ± 0,02
B
ø1,97± 0,02
1,4
1,1
1,07
0
-0,03
2 X
R0,
08
ø10 ± 0,2
ø
0,05 A
2x 4.34
2x 4,08
R0,
8
4x
R0,
6
ø3
0,6
2x 1,4
500'
4x R0,1
SEE DETAIL A
SECTION B-B
SEE DETAIL 8
S1
DETAIL A
SCALE 20
S1
5,3
(.209)
2,5+0,15/-0,10
(.098+.006/-.004)
2,25
(.089)
12,0
(.472)
2±0,05
(.079±.002)
2±0,05
(.079±.002)
ø1,5+0,1/-0,0
(.059+.004/-.000)
4,0
(.157)
ø1,5+0,25/-0,0
(.059+.010/-.000)
0,343±0,05
(.014±.002)
8,4
(.331)
A
1,2
(.047)
0,1 A
1,55+0,10/-0,05
(.061+.004/-.002)
4˚0' max.
6 faces at 15˚ max
2 faces 8˚ max.
TAPE & REEL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com