Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMSM Datasheet(PDF) 2 Page - C&K Components

Part # ZMSM
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMSM Datasheet(HTML) 2 Page - C&K Components

  ZMSM Datasheet HTML 1Page - C&K Components ZMSM Datasheet HTML 2Page - C&K Components ZMSM Datasheet HTML 3Page - C&K Components ZMSM Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
J–67
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
2,6
[.102]
8,1
[.319]
19,75
[.778]
3,7
[.146]
6
[.236]
3,3
.130
[]
2,2
.087
[]
2
[.079]
2,6
[.102]
5,4
[.213]
9,05
[.356]
19,75
[.778]
3,7
[.146]
6
[.236]
3,3
.130
[]
14,7
[.579]
7,5
[.295]
2
[.079]
2
[.079]
FP
OP
PT
5,4
[.213]
12,2
[.480]
14,7
[.579]
7,5
[.295]
2
[.079]
2,6
[.102]
2,2
.087
[]
2,6
[.102]
FP
OP
PT
12,2
[.480]
Third Angle
Projection
ZMSM Series with Mounting Hole
Subminiature Snap-acting Switches (Dust Proof)
SERIES
Z M S M
OPERATING FORCE
ELECTRICAL RATING
ZMSMH
HIGH OVER TRAVEL
Model
with option “S” (solder type) only.
Consult Customer Service center for availability and delivery of nonstandard ratings.
*Electrical rating 03A is not available with Operating Force rating of 080.
CONTACT MATERIAL
OPTION
CODE
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
0
10mA @ 12 V DC
Fine Silver
Fine silver
3
Gold over fine silver
Gold over fine silver
3 AMPS @ 125 V AC
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
Yes
Yes
Yes
Yes
3 AMPS @ 12 V DC
* Note: See Technical Data in section N of this catalog for RoHS compliant and compatible definition and specifications.
ZMSML
LOW OVER TRAVEL
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
OPTION CODE
130
130
4.59



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com