Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMSM Datasheet(PDF) 4 Page - C&K Components

Part # ZMSM
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMSM Datasheet(HTML) 4 Page - C&K Components

  ZMSM Datasheet HTML 1Page - C&K Components ZMSM Datasheet HTML 2Page - C&K Components ZMSM Datasheet HTML 3Page - C&K Components ZMSM Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
J–69
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
ZMSM Series with Mounting Hole
Subminiature Snap-acting Switches (Dust Proof)
MOUNTING STYLES
Third Angle
Projection
J WIRE LEADS BOTTOM
(IP67)
CIRCUITRY
M
3.30 DIAMETER MOUNTING HOLE WITH STUD
14,7
[.579 ]
19,75
[.778 ]
6
[.236]
3,7
[.146 ]
2,6
[.102 ]
2,2
.087
[]
12,2
[.480 ]
2,6
[.102 ]
3,3
.130
[]
2
[.079 ]
7,5
[.295 ]
12
[.472]
304.8
[12.000]
3.17
[.125 ]
GRAY
N.C.
BLUE
N.O.
BLACK
COM
NC
NO
COM
TERMINATIONS
P
PC THRU-HOLE
S
SOLDER TYPE
1,7
[.067 ]
2,5
TYP
[.098 ]
4,13
[.163 ]
4,13
[.163 ]
2,8
[.110 ]
0,5
TYP
[.020 ]
5,08
[.200 ]
5,08
[.200]
2,5
[.098 ]
2,8
[.110 ]
0,5± 0,05
.020 ± .001
[
]
TYP
0,6 ± 0,1
.024 ± .003
[
]
Standard Wire: 20 AWG UL 1007
Available options - must specify
22AWG UL1430
24AWG UL1061
26AWG UL1330
C
SPDT (Single Pole, Double Throw)
W SPST, NC (Single Pole, Single Throw, Normally Closed)
Y
SPST, NO (Single Pole, Single Throw, Normally Open)
PC MOUNTING HOLE
3 ø 1,22 ± .127
(.048 ± .005)
5,08
(.200)
5,08
(.200)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com