Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMSM Datasheet(PDF) 3 Page - C&K Components

Part # ZMSM
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMSM Datasheet(HTML) 3 Page - C&K Components

  ZMSM Datasheet HTML 1Page - C&K Components ZMSM Datasheet HTML 2Page - C&K Components ZMSM Datasheet HTML 3Page - C&K Components ZMSM Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J
J–68
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
ZMSM Series with Mounting Hole
Subminiature Snap-acting Switches (Dust Proof)
ACTUATOR
T10
.25 LEVER
P00
PIN PLUNGER
FP
OP
PT
17,52
[.690]
OP
FP
PT
14,7
[.579]
2,6
[.102]
Maximum Operate
Force (grams/oz.)
Minimum Release
Force (grams/oz.)
Free Position
Max (mm)
Maximum
Pre-travel (mm)
Operate
Position (mm) ±0.3
Maximum
Differential (mm)
Minimum
Overtravel
P00
130
13
0.45
8.20
0.8
6.75
0.3
0.8
T10
195
6.88
55
1.93
11.55
3.85
0.51.35
T11
4.8
14.65
45
1.58
160
5.64
1.65
0.7
4.59
Actuator
code
7.50
9.90
(mm)
SWITCH CHARACTERISTICS
T11
LEVER
FP
OP
PT
21,57
[.849]
SWITCH CHARACTERISTICS “J” TERMINATION ONLY
Maximum Operate
Force (grams/oz.)
Minimum Release
Force (grams/oz.)
Free Position
Max (mm)
Maximum
Pre-travel (mm)
Operate
Position (mm) ±0.3
Maximum
Differential (mm)
Minimum
Overtravel
P00
130
13
0.45
8.20
0.8
6.75
0.3
0.8
T10
195
6.88
55
1.93
11.55
3.85
0.51.35
T11
4.8
14.65
45
1.58
160
5.64
1.65
0.7
4.59
Actuator
code
7.50
9.90
(mm)
T10
.25 LEVER
P00
PIN PLUNGER
T11
.28 LEVER
14,7± 0,15
.579 ± .005
[
]
19,75
[.778]
3,7
[.146]
6
[.236]
3,3
.130
[
]
OP FP
PT
2,6
[.102]
2,2
[.087]
2,6
[.102]
12,2
[.480]
GRAY
N.C.
BLUE
N.O.
BLACK
COM
17,83
[.702]
FP
OP
PT
3,7
[ .146 ]
6
[ .236
]
14,7
±0,15
.579
±.005
[
]
3,3
.130
[]
19,75
[ .778
]
2,6
[ .102
]
12,2
[ .480
]
GRAY
N.C.
BLUE
N.O.
BLACK
COM
21,57
[.849]
19,75
[.778]
14,7± 0,15
.579 ± .005
[]
3,3
.130
[
]
FP
OP
PT
6
[.236]
3,7
[.146]
2,6
[.102]
12,2
[.480]
GRAY
N.C.
BLUE
N.O.
BLACK
COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com