Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08GD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC2G08GD
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08GD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC2G08GD Datasheet HTML 12Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 13Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 14Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 15Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 16Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 17Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 18Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 19Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
16 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
Fig 16. Package outline SOT1116 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1116
sot1116_po
10-04-02
10-04-07
Unit
mm
max
nom
min
0.35
0.04
1.25
1.20
1.15
1.05
1.00
0.95
0.55
0.3
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.2 x 1.0 x 0.35 mm
SOT1116
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4
×)(2)
(8
×)(2)
A1
A
e1
e1
e1
e
L
L1
b
4
3
2
1
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com