Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G08GD
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08GD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G08GD Datasheet HTML 1Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 2Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
5 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal condition.
[3]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly at 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly at 8 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5
V
Power-down mode
[1][2]
−0.5
+6.5
V
IIK
input clamping current
VI <0V
−50
-
mA
IOK
output clamping current
VO <0V or VO >VCC
-
±50
mA
IO
output current
VO =0VtoVCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
300
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC =1.65V to 2.7V
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com