Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC2G08GD
Description  Dual 2-input AND gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G08GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 9Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 10Page - NXP Semiconductors 74LVC2G08GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
7 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
[1]
All typical values are measured at Tamb = 25 °C.
11. Dynamic characteristics
VOH
HIGH-level output voltage VI =VIH or VIL
IO = −100 μA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 100 μA; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current
VI = 5.5 V or GND; VCC =0 V to 5.5 V
-
-
±20
μA
IOFF
power-off leakage current VI or VO = 5.5 V; VCC = 0 V
-
-
±20
μA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65Vto 5.5V; IO =0A
--
40
μA
ΔI
CC
additional supply current
per pin; VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
--
5000
μA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.2
9.0
1.0
11.3
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
5.1
0.5
6.4
ns
VCC = 2.7 V
1.0
2.5
5.3
1.0
6.7
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
4.7
0.5
5.9
ns
VCC = 4.5 V to 5.5 V
0.5
1.7
3.8
0.5
4.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com